Part Number Hot Search : 
RD20UM TIP32 0R12KE3 100EP 30KP100A 30KP100A M62245FP UPD78P
Product Description
Full Text Search
 

To Download REC15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Regulated Converters

15W 2"x 2" Package (50.8x50.8x11.0mm) 1kVDC Isolation Wide Input 2:1 & 4:1 Regulated Output UL94V-0 Package Material Continuous Short Circuit Protection Remote ON/OFF-Control for Single Types Efficiency to 81%
ECONOLINE
DC/DC-Converter
REC15S_DRWB(Z) Series
15 Watt 2" x 2" Single & Dual Output
Selection Guide
Part Number 2" x 2" REC15-xx05SRWB REC15-xx12SRWB REC15-xx15SRWB REC15-xx24SRWB REC15-xx05DRWB REC15-xx12DRWB REC15-xx15DRWB REC15-xx05SRWBZ REC15-xx12SRWBZ REC15-xx15SRWBZ REC15-xx24SRWBZ REC15-xx05DRWBZ REC15-xx12DRWBZ REC15-xx15DRWBZ 2:1 xx = 9-18Vin = 12 xx = 18-36Vin = 24 xx = 36-72Vin = 48 Input Voltage (VDC) 9-18, 18-36, 36-72 9-18, 18-36, 36-72 9-18, 18-36, 36-72 9-18, 18-36, 36-72 9-18, 18-36, 36-72 9-18, 18-36, 36-72 9-18, 18-36, 36-72 9-36, 18-72 9-36, 18-72 9-36, 18-72 9-36, 18-72 9-36, 18-72 9-36, 18-72 9-36, 18-72 4:1 xx = 9-36Vin = 24 xx = 18-72Vin = 48 Output Voltage (VDC) 5 12 15 24 5 12 15 5 12 15 24 5 12 15 Output Current (mA) 3.000 1.250 1.000 625 1.500 625 500 3.000 1.250 1.000 625 1.500 625 500 Efficiency (%) 77 80 80 81 77 80 80 77 80 80 77 80 80 79
Specifications (Core Operating Area)
Input Voltage Range Output Voltage Accuracy Line Voltage Regulation Load Voltage Regulation (10% to 100% full load ) Output Ripple and Noise (at 20MHz BW) Operating Frequency Efficiency at Full Load Isolation Voltage Rated Working Voltage Isolation Capacitance Isolation Resistance Short Circuit Protection Operating Temperature Range (free air convection) Storage Temperature Range Relative Humidity Case Material Package Weight MTBF (+25C) Detailed Information see using MIL-HDBK 217F (+70C) Application Notes chapter "MTBF" using MIL-HDBK 217F MSL Level 1 (tested for 1 second) (long term isolation) 2:1 & 4:1 2% max. 0.2% max. 0.2% max. 100mVp-p max. 200kHz typ. 75% max.
Output Power (%)
Derating-Graph
(Ambient Temperature)
120 100 80 60 40 20 0
Safe Operating Area
1.000VDC min. see Application Notes 550pF max 1 G min. Continuous -25C to +70C (see Graph) -55C to +100C 95% RH Metal Case 60 g 700 x 103 hours 560 x 103 hours
-25
0
25
50
Operating Temperature (C)
75 100 70 90
}
114
April-2005
www.recom-international.com
ECONOLINE
DC/DC-Converter
Typical Characteristics
REC15-S_DRWB(Z) Series
REC15 - types
Efficiency / Load
100 80 60 40
Efficiency %
20 0
40% 20% 60% Total Output current (%)
80%
100%
Package Style and Pinning (mm) 2" x 2" , Wide Input 2:1 & 4:1
2" x 2" PIN Package
3rd angle projection
50.80 11.00 8.30 20.32
50.80 Side View
10.20
10.20
Recommended Footprint Details
Pin Connections Pin # 1 2 3 Single +Vin -Vin +Vout No Pin -Vout Dual +Vin -Vin +Vout Com -Vout
22.82
Bottom View 3 1 2 4 5 15.20 2 1 2.54 5 4 3
4 5
5.12
XX.X 0.5 mm XX.XX 0.25 mm
2.54
Top View
1.2o+0.2/0.1
www.recom-international.com
April-2005
115


▲Up To Search▲   

 
Price & Availability of REC15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X